| Moteur de recherche de fiches techniques de composants électroniques |
|
SP8544AS Fiches technique(PDF) 4 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP8544AS Fiches technique(HTML) 4 Page - Sipex Corporation |
|
4 / 16 page ![]() SP8542/8544DS/01 SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's © Copyright 2000 Sipex Corporation 4 SPECIFICATIONS (continued) Unless otherwise noted the following specifications apply for V DD = 5V with limits applicable for TA = 25˚C. PARAMETER MIN. TYP. MAX. UNIT CONDITIONS Power Supplies VDD +4.75 +5 +5.25 V Supply Current Operating Mode 8.4 14 mA SD=0 Shutdown Mode .01 2 µA SD=1 Power Dissipation Operating Mode 42 70 mW SD=0 Shutdown Mode 0.05 10 µW SD=1 Power Turn On 20 µS Via Shutdown Control to 1 LSB settling error. Temperature Range Commercial 0 to +70 ˚C Industrial -40 to +85 ˚C Storage -65 to +150 ˚C (1) Free Running Mode (2) Note that the transition from off to on causes charging currents that increase the average input current (3) Data Format is 12-Bit Serial (4) Data Coding is binary (see Timing Diagram) |