| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5643L Fiches technique(PDF) 34 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643L Fiches technique(HTML) 34 Page - Freescale Semiconductor, Inc |
|
34 / 136 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 8.1 Package pinouts and signal descriptions Freescale Semiconductor 34 122 A[12] SIUL GPIO[12] GPIO[12] DSPI_2 SOUT — FlexPWM_0 A[2] A[2] FlexPWM_0 B[2] B[2] SIUL — EIRQ[11] 123 JCOMP — — JCOMP 124 C[15] SIUL GPIO[47] GPIO[47] FlexRay CA_TR_EN — eTimer_1 ETC[0] ETC[0] FlexPWM_0 A[1] A[1] CTU_0 — EXT_IN FlexPWM_0 — EXT_SYNC 125 D[0] SIUL GPIO[48] GPIO[48] FlexRay CA_TX — eTimer_1 ETC[1] ETC[1] FlexPWM_0 B[1] B[1] 126 VDD_HV_IO — 127 VSS_HV_IO — 128 D[3] SIUL GPIO[51] GPIO[51] FlexRay CB_TX — eTimer_1 ETC[4] ETC[4] FlexPWM_0 A[3] A[3] 129 D[4] SIUL GPIO[52] GPIO[52] FlexRay CB_TR_EN — eTimer_1 ETC[5] ETC[5] FlexPWM_0 B[3] B[3] 130 VDD_HV_REG_2 — 131 VDD_LV_COR — 132 VSS_LV_COR — 133 F[0] SIUL GPIO[80] GPIO[80] FlexPWM_0 A[1] A[1] eTimer_0 — ETC[2] SIUL — EIRQ[28] Table 3. 144 LQFP pin function summary (continued) Pin # Port/function Peripheral Output function Input function |