Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5643L Fiches technique(PDF) 36 Page - Freescale Semiconductor, Inc

No de pièce MPC5643L
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Fiches technique(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5643L_12 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5643L_12 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Package pinouts and signal descriptions
Freescale Semiconductor
36
144
A[15]
SIUL
GPIO[15]
GPIO[15]
eTimer_1
ETC[5]
ETC[5]
FlexCAN_1
—
RXD
FlexCAN_0
—
RXD
SIUL
—
EIRQ[14]
1 V
PP_TEST should always be tied to ground (VSS) for normal operations.
Table 4. 257 MAPBGA pin function summary
Pin #
Port/function
Peripheral
Output function
Input function
A1
VSS_HV_IO_RING
—
A2
VSS_HV_IO_RING
—
A3
VDD_HV_IO_RING
—
A4
H[2]
SIUL
GPIO[114]
GPIO[114]
NPC
MDO[5]
—
A5
H[0]
SIUL
GPIO[112]
GPIO[112]
NPC
MDO[7]
—
A6
G[14]
SIUL
GPIO[110]
GPIO[110]
NPC
MDO[9]
—
A7
D[3]
SIUL
GPIO[51]
GPIO[51]
FlexRay
CB_TX
—
eTimer_1
ETC[4]
ETC[4]
FlexPWM_0
A[3]
A[3]
A8
C[15]
SIUL
GPIO[47]
GPIO[47]
FlexRay
CA_TR_EN
—
eTimer_1
ETC[0]
ETC[0]
FlexPWM_0
A[1]
A[1]
CTU_0
—
EXT_IN
FlexPWM_0
—
EXT_SYNC
A9
VDD_HV_IO_RING
—
A10
A[12]
SIUL
GPIO[12]
GPIO[12]
DSPI_2
SOUT
—
FlexPWM_0
A[2]
A[2]
FlexPWM_0
B[2]
B[2]
SIUL
—
EIRQ[11]
Table 3. 144 LQFP pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More