Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP706PCN Fiches technique(PDF) 17 Page - Sipex Corporation

No de pièce SP706PCN
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP706PCN Fiches technique(HTML) 17 Page - Sipex Corporation

Back Button SP706PCN Datasheet HTML 10Page - Sipex Corporation SP706PCN Datasheet HTML 11Page - Sipex Corporation SP706PCN Datasheet HTML 12Page - Sipex Corporation SP706PCN Datasheet HTML 13Page - Sipex Corporation SP706PCN Datasheet HTML 14Page - Sipex Corporation SP706PCN Datasheet HTML 15Page - Sipex Corporation SP706PCN Datasheet HTML 16Page - Sipex Corporation SP706PCN Datasheet HTML 17Page - Sipex Corporation SP706PCN Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Rev. 10-17-00
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2000 Sipex Corporation
PACKAGE:
PLASTIC
MICRO SMALL
OUTLINE (
µSOIC)
1
0.013
±0.005
0.0256
BSC
0.118
±0.004
0.020
2
0.020
0.116
±0.004
0.034
±0.004
0.040
±0.003
0.004
±0.002
0.118
±0.004
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.16
±0.003
0.0965
±0.003
0.116
±0.004
50 USOIC devices per tube
All package dimensions are in inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18