| Moteur de recherche de fiches techniques de composants électroniques |
|
SP502 Fiches technique(PDF) 14 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP502 Fiches technique(HTML) 14 Page - Sipex Corporation |
|
14 / 30 page ![]() Rev. 7/21/03 SP502 Multi-Mode Serial Transceiver © Copyright 2003 Sipex Corporation 14 Figure 7. Mode Diagram — RS-232 RD(a) 70 RxD 1 MODE: RS-232 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 RT(a) 37 RxC 20 13 DTR 58 TR(a) CS(a) 66 CTS 80 16 RTS 54 RS(a) DM(a) 68 DSR 78 17 RL 47 RL(a) RR(a) 35 DCD 19 24 LL 51 LL(a) IC(a) 39 RI 21 15 TxC 42 ST(a) 6 ST/TT 63 TT(a) RxT 79 0 0 1 0 0 0 1 0 14 TxD 61 SD(a) ST/TT ST TT RxT* 1 Enabled Disabled Active 0 Disabled Enabled Inactive * TT driver must be disabled to allow TT(a) and TT(b) to serve as receiver inputs. * When the RxT receiver is active, TT(a) and TT(b) act as receiver inputs. When the RxT receiver is inactive, it cannot serve as a receiver since its inputs are internally connected to the TT(a) and TT(b) driver outputs. |