Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMD-CC Fiches technique(PDF) 51 Page - Tyco Electronics

No de pièce CMD-CC
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

CMD-CC Fiches technique(HTML) 51 Page - Tyco Electronics

Back Button CMD-CC Datasheet HTML 47Page - Tyco Electronics CMD-CC Datasheet HTML 48Page - Tyco Electronics CMD-CC Datasheet HTML 49Page - Tyco Electronics CMD-CC Datasheet HTML 50Page - Tyco Electronics CMD-CC Datasheet HTML 51Page - Tyco Electronics CMD-CC Datasheet HTML 52Page - Tyco Electronics CMD-CC Datasheet HTML 53Page - Tyco Electronics CMD-CC Datasheet HTML 54Page - Tyco Electronics CMD-CC Datasheet HTML 55Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 85 page
background image
SP Self-laminating polyester labels
51
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
Ordering information
Available sizes and formats
Ordering
Package
Labels
Max. Cable
(A) Label
(B) Label
(C) Printable
(D) Horizontal
(E) Vertical
(F) Web
description
quantity
across
OD
width
height
height
repeat
repeat
width
mm
inches mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
SP050100WE10
10,000
5
5.1
.20
12.70
0.500
25.40
1.000
8.50
0.330
16.80
0.600
31.00
1.222
86.00
3.384
SP050143WE10
10,000
5
7.6
.30
12.70
0.500
36.50
1.437
12.70
0.500
16.80
0.662
42.20
1.661
86.00
3.384
SP075094WE10
10,000
4
7.6
.30
19.10
0.750
23.90
0.940
9.50
0.375
20.30
0.800
28.60
1.125
85.10
3.350
SP080150WE10
10,000
4
7.6
.30
20.30
0.800
38.10
1.500
12.70
0.500
22.90
0.900
44.50
1.750
94.90
3.736
SP100143WE5
5,000
3
7.6
.30
25.40
1.000
36.50
1.437
12.70
0.500
27.90
1.100
42.20
1.661
87.30
3.436
SP100225WE5
5,000
3
12.2
.48
25.40
1.000
57.20
2.250
19.10
0.750
27.90
1.100
66.70
2.625
87.30
3.436
SP100375WE2.5
2,500
3
22.4
.88
25.40
1.000
95.30
3.750
25.40
1.000
27.90
1.100
101.60
4.000
87.30
3.436
SP100594WE1
1,000
3
35.6
1.4
25.40
1.000
151.00
5.940
38.10
1.500
27.90
1.100
158.80
6.250
87.30
3.436
SP200225WE2.5
2,500
2
12.2
.48
50.80
2.000
57.20
2.250
19.10
0.750
50.80
2.000
66.70
2.625
107.60
4.236
SP200375WE2.5
2,500
2
22.4
.88
50.80
2.000
95.30
3.750
25.40
1.000
53.30
2.100
101.60
4.000
111.40
4.386
Options
Colors
Standard
White with clear tail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85