Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSL-03425P4 Fiches technique(PDF) 45 Page - Tyco Electronics

No de pièce CSL-03425P4
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

CSL-03425P4 Fiches technique(HTML) 45 Page - Tyco Electronics

Back Button CSL-03425P4 Datasheet HTML 41Page - Tyco Electronics CSL-03425P4 Datasheet HTML 42Page - Tyco Electronics CSL-03425P4 Datasheet HTML 43Page - Tyco Electronics CSL-03425P4 Datasheet HTML 44Page - Tyco Electronics CSL-03425P4 Datasheet HTML 45Page - Tyco Electronics CSL-03425P4 Datasheet HTML 46Page - Tyco Electronics CSL-03425P4 Datasheet HTML 47Page - Tyco Electronics CSL-03425P4 Datasheet HTML 48Page - Tyco Electronics CSL-03425P4 Datasheet HTML 49Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
Ordering information
Available sizes and formats
Ordering
Label
Roll
Quantity
description
width
length
per pack
mm
inches
meters
feet
TTP200<color>-10
50.80
2.000
30.48
100
Continuous
TTP300<color>-10
76.20
3.000
30.48
100
Continuous
TTP400<color>-10
101.60
4.000
30.48
100
Continuous
TTP600<color>-10
152.40
6.000
30.48
100
Continuous
Note: Use TTPA prefix for high tack adhesive
Options
Colors
Standard
Clear
White
Metalized silver
Code
CL
WE
MP
Colors
Non Standard
Red
Green
Blue
Orange
Code
RD
GN
BE
OE
Colors
Non Standard
Black
Yellow
Code
BK
YW
Ordering example: TTP400WE-10 or TTPA400WE (for the high tack adhesive variant)
LABEL WIDTH
TTP Continuous polyester for decals
45
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85