Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP4416 Fiches technique(PDF) 10 Page - Sipex Corporation

No de pièce SP4416
Description  Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4416 Fiches technique(HTML) 10 Page - Sipex Corporation

Back Button SP4416 Datasheet HTML 5Page - Sipex Corporation SP4416 Datasheet HTML 6Page - Sipex Corporation SP4416 Datasheet HTML 7Page - Sipex Corporation SP4416 Datasheet HTML 8Page - Sipex Corporation SP4416 Datasheet HTML 9Page - Sipex Corporation SP4416 Datasheet HTML 10Page - Sipex Corporation SP4416 Datasheet HTML 11Page - Sipex Corporation SP4416 Datasheet HTML 12Page - Sipex Corporation SP4416 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SP4416DS/06
SP4416 Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
© Copyright 1999 Sipex Corporation
10
PERFORMANCE CHARACTERISTICS
The following performance curves are intended to give the designer a relative scale from which to optimize
specific applications. Absolute measurements may vary depending upon the brand of components chosen.
Figure 17. Lamp Frequency vs Temperature, V
DD = 3.0V
Figure 18. Peak EL Driver Voltage vs Temperature, V
DD = 3.0V
0
50
100
150
200
250
300
-40 -35 -30 -25 -20-15 -10 -5 0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85
Temperature
oC
0
10
20
30
40
50
60
70
80
90
-40 -35 -30 -25 -20 -15 -10 -5
0
5 10 15 2 25 30 35 40 45 50 55 60 65 70 75 80 85
Temperature
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13