| Moteur de recherche de fiches techniques de composants électroniques |
|
TTP600WE10 Fiches technique(PDF) 35 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
TTP600WE10 Fiches technique(HTML) 35 Page - Tyco Electronics |
|
35 / 85 page ![]() iMC Laser or hand writable marking clip 35 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Ordering Information Marker Clips Ordering Clips Recommended Use Typical Cross Dimensions Description per pack Range mm (inches) Section mm 2 Length x Width mm (inches) iMC02 500 0.75 - 2.00 (0.03 - 0.08) 0.20 - 0.75 15 x 7.8 (0.59 - 0.31) iMC04 500 1.75 - 3.25 (0.07 - 0.13) 0.50 - 1.50 15 x 7.8 (0.59 - 0.31) iMC06 500 3.00 - 4.50 (0.12 - 0.18) 1.50 - 6.00 15 x 9.5 (0.59 - 0.37) iMC08 500 4.25 - 6.00 (0.17 - 0.24) 6.00 - 10.00 15 x 9.5 (0.59 - 0.37) Legend Strips (A4 Sheets) Ordering Labels Color Label Size Description per sheet Height x Width mm (inches) iMCA4ES-4/9 560 1 side White/1 side Yellow 6.4 x 12.2 (0.25 x 0.48) |