Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMVF400VT1 Fiches technique(PDF) 85 Page - Tyco Electronics

No de pièce DMVF400VT1
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

DMVF400VT1 Fiches technique(HTML) 85 Page - Tyco Electronics

Back Button DMVF400VT1 Datasheet HTML 77Page - Tyco Electronics DMVF400VT1 Datasheet HTML 78Page - Tyco Electronics DMVF400VT1 Datasheet HTML 79Page - Tyco Electronics DMVF400VT1 Datasheet HTML 80Page - Tyco Electronics DMVF400VT1 Datasheet HTML 81Page - Tyco Electronics DMVF400VT1 Datasheet HTML 82Page - Tyco Electronics DMVF400VT1 Datasheet HTML 83Page - Tyco Electronics DMVF400VT1 Datasheet HTML 84Page - Tyco Electronics DMVF400VT1 Datasheet HTML 85Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 85 page
background image
CWM Wire marker cards
85
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Pre-Printed Wire and Cable Markers
Ordering information
Product Order Code
Legend Option
Package Quantity
Label Width Label Height Card Width
Card Height
mm
inches
mm
inches
mm
inches
mm
inches
CWM-SL-# *
Solid Numbers 0-99
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SL-letter *
Solid Letters A - Z
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SL-color *
Solid Colors
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SL-legend *
Solid 2+ Digits
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-1-33
Sequential 1 - 33
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-34-66
Sequential 34 - 66
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-67-99
Sequential 67 - 99
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-A-Z
Sequential A - Z
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-AA-ZZ
Sequential AA - ZZ
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-a-z
Sequential a - z
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-1-6
Sequential 1 - 6
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
CWM-SQ-1-18
Sequential 1 - 18
25 Cards (825 labels)
6.4
0.250
38.1
1.500
235.0
9.250
50.8
2.000
*Solid cards (SL) = 1 legend on each card. Select a single legend and add to the suffix of the product order code.
*Sequential cards (SQ) = a consecutive range of alpha or numeric legends on each card, as specified in the suffix of the product order code.
*Available options on product order code CWM-SL-legends are: T1, T2, T3, L1, L2, L3, GND, P1, A1, XS, PTO. Add legend suffix of order code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85