Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMVF150VT1 Fiches technique(PDF) 37 Page - Tyco Electronics

No de pièce DMVF150VT1
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

DMVF150VT1 Fiches technique(HTML) 37 Page - Tyco Electronics

Back Button DMVF150VT1 Datasheet HTML 33Page - Tyco Electronics DMVF150VT1 Datasheet HTML 34Page - Tyco Electronics DMVF150VT1 Datasheet HTML 35Page - Tyco Electronics DMVF150VT1 Datasheet HTML 36Page - Tyco Electronics DMVF150VT1 Datasheet HTML 37Page - Tyco Electronics DMVF150VT1 Datasheet HTML 38Page - Tyco Electronics DMVF150VT1 Datasheet HTML 39Page - Tyco Electronics DMVF150VT1 Datasheet HTML 40Page - Tyco Electronics DMVF150VT1 Datasheet HTML 41Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
iKC/iKB Laser or hand writable cable clip
37
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering Information
Cable Clips iKC
Ordering
Clips
Dimensions
Description
per pack
L x W mm
(inches)
iKC01
25
44 x 21
(1.73 - 0.83)
iKC02
25
34 x10.5
(1.34 - 0.41)
iKC03
25
68 x 10.5
(2.68 x - 0.41)
Ordering Information
Legend Strips iKB (A4 Sheets)
Ordering
Labels
Color
Label Size
Description
per sheet
H x W mm
(inches)
iKB01P-9/4
60
1 side White
16 x 40
(0.63 x 1.57)
1 side Yellow
iKB02P-9/4
240
1 side White
6.2 x 30
(0.24 x 0.41)
1 side Yellow
iKB03P-9/4
120
1 side White
6.2 x 64
(0.24 x 0.41)
1 side Yellow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85