| Moteur de recherche de fiches techniques de composants électroniques |
|
SP208ECA Fiches technique(PDF) 16 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP208ECA Fiches technique(HTML) 16 Page - Sipex Corporation |
|
16 / 16 page ![]() SP207EDS/09 SP207E Series High Performance RS232 Transceivers © Copyright 2000 Sipex Corporation 16 Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others. ORDERING INFORMATION RS232 Transceivers: Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type SP207ECA ................. 5 ....................................... 3 ................................................... 0 °C to +70°C ............................................... 24–pin SSOP SP207ECP ................. 5 ....................................... 3 ................................................... 0 °C to +70°C ....................................... 24–pin Plastic DIP SP207ECT ................. 5 ....................................... 3 ................................................... 0 °C to +70°C ................................................ 24–pin SOIC SP207EEA ................. 5 ....................................... 3 ............................................... –40 °C to +85°C ............................................... 24–pin SSOP SP207EEP ................. 5 ....................................... 3 ............................................... –40 °C to +85°C ....................................... 24–pin Plastic DIP SP207EET ................. 5 ....................................... 3 ............................................... –40 °C to +85°C ................................................ 24–pin SOIC SP208ECA ................. 4 ....................................... 4 ................................................... 0 °C to +70°C ............................................... 24–pin SSOP SP208ECP ................. 4 ....................................... 4 ................................................... 0 °C to +70°C ....................................... 24–pin Plastic DIP SP208ECT ................. 4 ....................................... 4 ................................................... 0 °C to +70°C ................................................ 24–pin SOIC SP208EEA ................. 4 ....................................... 4 ............................................... –40 °C to +85°C ............................................... 24–pin SSOP SP208EEP ................. 4 ....................................... 4 ............................................... –40 °C to +85°C ....................................... 24–pin Plastic DIP SP208EET ................. 4 ....................................... 4 ............................................... –40 °C to +85°C ................................................ 24–pin SOIC RS232 Transceivers with Low–Power Shutdown and Tri–state Enable: Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type SP211ECA ................. 4 ....................................... 5 ................................................... 0 °C to +70°C ............................................... 28–pin SSOP SP211ECT ................. 4 ....................................... 5 ................................................... 0 °C to +70°C ................................................ 28–pin SOIC SP211EEA ................. 4 ....................................... 5 ............................................... –40 °C to +85°C ............................................... 28–pin SSOP SP211EET ................. 4 ....................................... 5 ............................................... –40 °C to +85°C ................................................ 28–pin SOIC RS232 Transceivers with Low–Power Shutdown, Tri–state Enable, andWake–Up Function: Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type SP213ECA ................. 4 ................. 5, with 2 active in Shutdown ............................ 0 °C to +70°C ............................................... 28–pin SSOP SP213ECT ................. 4 ................. 5, with 2 active in Shutdown ............................ 0 °C to +70°C ................................................ 28–pin SOIC SP213EEA ................. 4 ................. 5, with 2 active in Shutdown ........................ –40 °C to +85°C ............................................... 28–pin SSOP SP213EET ................. 4 ................. 5, with 2 active in Shutdown ........................ –40 °C to +85°C ................................................ 28–pin SOIC Corporation SIGNAL PROCESSING EXCELLENCE Sipex Corporation Headquarters and Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 Please consult the factory for pricing and availability on a Tape-On-Reel option. |