| Moteur de recherche de fiches techniques de composants électroniques |
|
SP2209E Fiches technique(PDF) 5 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP2209E Fiches technique(HTML) 5 Page - Sipex Corporation |
|
5 / 15 page ![]() 5 SP2209E DS/06 SP2209E High ESD Dual Port RS-232 Transceivers © Copyright 2000 Sipex Corporation Figure 1. SP2209E Pinout Configuration R4INB 1 2 3 4 5 6 7 C- R1INB R2INB R3INB T3INB 8 9 10 11 12 13 14 T1OUTB T2OUTB T3OUTB T1INB T2INB R5INB SP2209E T1INA 15 16 17 18 19 T2OUTA T1OUTA T3INA T2INA 25 26 27 28 24 23 22 VDD V- 20 21 C+ 34 35 36 37 33 32 31 STBY GND 29 30 38 R5OUTA R4OUTA R3OUTA R2OUTA R1OUTA R1OUTB R2OUTB R3OUTB R4OUTB R5OUTB T3OUTA R1INA R3INA R2INA R5INA R4INA Table 1. Device Pin Description (continued) E M A NN O I T C N U FR E B M U N N I P T 1 A T U O. A t r o p r o f t u p t u o r e v i r d 2 3 2 - S R 1 3 T 2 A T U O. A t r o p r o f t u p t u o r e v i r d 2 3 2 - S R 2 3 T 3 A T U O. A t r o p r o f t u p t u o r e v i r d 2 3 2 - S R 3 3 R 1 A N I. A t r o p r o f t u p n i r e v i e c e r 2 3 2 - S R 4 3 R 2 A N I. A t r o p r o f t u p n i r e v i e c e r 2 3 2 - S R 5 3 R 3 A N I. A t r o p r o f t u p n i r e v i e c e r 2 3 2 - S R 6 3 R 4 A N I. A t r o p r o f t u p n i r e v i e c e r 2 3 2 - S R 7 3 R 5 A N I. A t r o p r o f t u p n i r e v i e c e r 2 3 2 - S R 8 3 |