Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMVF100VT-100 Fiches technique(PDF) 35 Page - Tyco Electronics

No de pièce DMVF100VT-100
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

DMVF100VT-100 Fiches technique(HTML) 35 Page - Tyco Electronics

Back Button DMVF100VT-100 Datasheet HTML 31Page - Tyco Electronics DMVF100VT-100 Datasheet HTML 32Page - Tyco Electronics DMVF100VT-100 Datasheet HTML 33Page - Tyco Electronics DMVF100VT-100 Datasheet HTML 34Page - Tyco Electronics DMVF100VT-100 Datasheet HTML 35Page - Tyco Electronics DMVF100VT-100 Datasheet HTML 36Page - Tyco Electronics DMVF100VT-100 Datasheet HTML 37Page - Tyco Electronics DMVF100VT-100 Datasheet HTML 38Page - Tyco Electronics DMVF100VT-100 Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
iMC Laser or hand writable marking clip
35
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering Information
Marker Clips
Ordering
Clips
Recommended Use
Typical Cross
Dimensions
Description
per pack
Range mm
(inches)
Section mm
2
Length x Width mm
(inches)
iMC02
500
0.75 - 2.00
(0.03 - 0.08)
0.20 - 0.75
15 x 7.8
(0.59 - 0.31)
iMC04
500
1.75 - 3.25
(0.07 - 0.13)
0.50 - 1.50
15 x 7.8
(0.59 - 0.31)
iMC06
500
3.00 - 4.50
(0.12 - 0.18)
1.50 - 6.00
15 x 9.5
(0.59 - 0.37)
iMC08
500
4.25 - 6.00
(0.17 - 0.24)
6.00 - 10.00
15 x 9.5
(0.59 - 0.37)
Legend Strips (A4 Sheets)
Ordering
Labels
Color
Label Size
Description
per sheet
Height x Width mm
(inches)
iMCA4ES-4/9
560
1 side White/1 side Yellow
6.4 x 12.2
(0.25 x 0.48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85