| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4264G Fiches technique(PDF) 2 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
TLE4264G Fiches technique(HTML) 2 Page - Siemens Semiconductor Group |
|
2 / 9 page ![]() TLE 4264 G Semiconductor Group 2 1998-11-01 Pin Configuration (top view) Circuit Description The control amplifier compares a reference voltage, which is kept highly precise by resistance adjustment, to a voltage that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation control, working as a function of load current, prevents any over-saturation of the power element. The IC is additionally protected against overload, overtemperature and reverse polarity. Pin Definitions and Functions Pin Symbol Function 1 V I Input voltage; block to ground directly on IC with ceramic capacitor 2, 4 GND Ground 3 V Q 5-V output voltage; block to ground with ≥ 10-µF capacitor, ESR < 10 Ω AEP01526 123 4 GND V Q Ι V |