| Moteur de recherche de fiches techniques de composants électroniques |
|
SST-48-07 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
SST-48-07 Fiches technique(HTML) 2 Page - Tyco Electronics |
|
2 / 42 page ![]() 1-110 RAYCHEM Tubing Products 9-1773447-9 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 Germany: 49-6251-133-1999 CIS WR 08/2011 millimeters unless otherwise reference purposes only. Canada: 1-905-475-6222 China: 86-400-820-6015 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 te.com are metric equivalents. to change. L. & S. America: 54-11-4733-2200 UK: 44-800-267-666 SCL (Continued) Product Dimensions Ordering Information Inside Diameter Recovered Wall Thickness** Size Additional Minimum Maximum Meltable Wall Standard Color Expanded Recovered Total Wall After Heating as Supplied After Heating After Heating (Nominal) 1/8 Brown 3.2 [0.125] 0.6 [0.023] 0.96 ± 0.15 [0.038 ± 0.006] 0.51 [0.020] 3/16 Gray 4.8 [0.187] 1.5 [0.060] 1.09 ± 0.15 [0.043 ± 0.006] 0.64 [0.025] 1/4 White 6.4 [0.250] 2.0 [0.080] 1.19 ± 0.15 [0.047 ± 0.006] 0.69 [0.027] 3/8 Red 9.5 [0.375] 3.4 [0.135] 1.27 ± 0.18 [0.050 ± 0.007] 0.76 [0.030] 1/2 Blue 12.7 [0.500] 5.0 [0.195] 1.39 ± 0.18 [0.055 ± 0.007] 0.89 [0.035] 3/4 Yellow 19.1 [0.750] 8.0 [0.313] 1.65 ± 0.18 [0.065 ± 0.007] 1.02 [0.040] 1 N/A 25.4 [1.000] 10.2 [0.400] 1.90 ± 0.18 [0.075 ± 0.007] 1.02 [0.040] **Wall thickness will be less if tubing recovery is restricted during shrinkage. Color Standard Black (-0) for all sizes, plus one additional color per size per Product Dimensions table. Size selection Always order the largest size that will shrink snugly over the component to be covered. Special order sizes are available upon request. Standard packaging In 1.2-meter [4-foot] lengths. Ordering description*** Specify product name, size and color (for example, SCL 1/4-0). ***Europe only. For supply to MIL spec., Def Stan and BS add -MS, -DS or -BS to ordering description. |