| Moteur de recherche de fiches techniques de composants électroniques |
|
MPL3115A2 Fiches technique(PDF) 12 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPL3115A2 Fiches technique(HTML) 12 Page - Freescale Semiconductor, Inc |
|
12 / 44 page ![]() MPL3115A2 Sensors 12 Freescale Semiconductor, Inc. Flow chart for Polling or Interrupt - No FIFO Figure 5. Polling or Interrupt - No FIFO Check for interrupt on pin INT2 Poll data or use interrupt INT2 Yes Polling /* Is SRC_DRDY Set */ (INT_S & 0x80) == TRUE Service interrupt and clear Yes No Yes No Interrupt /* Enable DRDY Interrupt*/ IIC_RegWrite(SlaveAddressIIC, 0x29, 0x80); /* Set Active */ IIC_RegWrite(SlaveAddressIIC, 0x26, 0xB9); /* Enable Data Flags in PT_DATA_CFG */ IIC_RegWrite(SlaveAddressIIC, 0x13, 0x07); /* I2C Address is 0xC0 */ SlaveAddressIIC = 0xC0 /* Set Active */ IIC _RegWrite(SlaveAddressIIC, 0x26, 0xB9); /* Read STATUS Register */ STA = IIC _RegRead(SlaveAddressIIC, 0x00); /* Is Data Ready */ (STA & 0x08) == TRUE /* Read INT_SOURCE */ INT_S = IIC _RegRead(SlaveAddressIIC, 0x12); /* Read OUT_P and OUT_T */ /* This clears the DRDY Interrupt */ OUT_P_MSB = IIC_RegRead(SlaveAddressIIC, 0x01); OUT_P_CSB = IIC_RegRead(SlaveAddressIIC, 0x02); OUT_P_LSB = IIC_RegRead(SlaveAddressIIC, 0x03); OUT_T_MSB = IIC_RegRead(SlaveAddressIIC, 0x04); OUT_T_LSB = IIC_RegRead(SlaveAddressIIC, 0x05); Clear Interrupt /* Read OUT_P and OUT_T */ /* This clears the DRDY Interrupt */ OUT_P_MSB = IIC_RegRead(SlaveAddressIIC, 0x01); OUT_P_CSB = IIC_RegRead(SlaveAddressIIC, 0x02); OUT_P_LSB = IIC_RegRead(SlaveAddressIIC, 0x03); OUT_T_MSB = IIC_RegRead(SlaveAddressIIC, 0x04); OUT_T_LSB = IIC_RegRead(SlaveAddressIIC, 0x05); /* Set to Altimeter with an OSR = 128 */ IIC_RegWrite(SlaveAddressIIC, 0x26, 0xB8); /* Set INT to Active Low Open Drain */ IIC_RegWrite(SlaveAddressIIC, 0x28, 0x11); No |