| Moteur de recherche de fiches techniques de composants électroniques |
|
AR4100 Fiches technique(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
AR4100 Fiches technique(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 29 page ![]() MKG-16487 Ver. 5.0 19 Qualcomm Atheros, Inc. MAY CONTAIN U.S. AND INTERNATIONAL EXPORT CONTROLLED INFORMATION 5 Pin Assignments and Descriptions Table 5-1 shows the PCB footprint and pin assignments (bottom view of the chip) of the AR4100. Table 5-2 and Table 5-3 show pin assignments and pin definitions. The following nomenclature is used for signal names: The following nomenclature is used for signal types: NC No connection should be made to this pin _L At the end of the signal name, indicates active low signals P At the end of the signal name, indicates the positive side of a differential signal N At the end of the signal name indicates the negative side of a differential signal IA Analog input signal I Digital input signal IH Input signals with weak internal pull-up, to prevent signals from floating when left open IL Input signals with weak internal pull-down, to prevent signals from floating when left open I/O A digital bidirectional signal OA An analog output signal O A digital output signal P A power or ground signal |