| Moteur de recherche de fiches techniques de composants électroniques |
|
AFT05MS031N Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
AFT05MS031N Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 27 page ![]() AFT05MS031NR1 AFT05MS031GNR1 1 RF Device Data Freescale Semiconductor, Inc. RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs Designed for mobile two--way radio applications with frequencies from 136 to 520 MHz. The high gain, ruggedness and broadband performance of these devices make them ideal for large--signal, common source amplifier applications in mobile radio equipment. Typical Performance: (13.6 Vdc, TA =25°C, CW) Frequency (MHz) Gps (dB) ηD (%) P1dB (W) 380--450 (1,3) 18.3 64.1 31 450--520 (2,3) 17.7 62.0 31 520 (4) 17.7 71.4 33 Load Mismatch/Ruggedness Frequency (MHz) Signal Type VSWR Pout (W) Test Voltage Result 520 (4) CW >65:1 at all Phase Angles 47 (3 dB Overdrive) 17 No Device Degradation 1. Measured in 380--450 MHz UHF wideband reference circuit. 2. Measured in 450--520 MHz UHF wideband reference circuit. 3. The values shown are the minimum measured performance numbers across the indicated frequency range. 4. Measured in 520 MHz narrowband test circuit. Features • Characterized for Operation from 136 to 520 MHz • Unmatched Input and Output Allowing Wide Frequency Range Utilization • Integrated ESD Protection • Integrated Stability Enhancements • Wideband — Full Power Across the Band: − 136--174 MHz − 380--450 MHz − 450--520 MHz • 225°C Capable Plastic Package • Exceptional Thermal Performance • High Linearity for: TETRA, SSB, LTE • Cost--effective Over--molded Plastic Packaging • In Tape and Reel. R1 Suffix = 500 Units, 24 mm Tape Width, 13 inch Reel. Typical Applications • Output Stage VHF Band Mobile Radio • Output Stage UHF Band Mobile Radio Document Number: AFT05MS031N Rev. 0, 6/2012 Freescale Semiconductor Technical Data 136--520 MHz, 31 W, 13.6 V WIDEBAND RF POWER LDMOS TRANSISTORS AFT05MS031NR1 AFT05MS031GNR1 TO--270--2 PLASTIC AFT05MS031NR1 Figure 1. Pin Connections (Top View) Drain Gate Note: The backside of the package is the source terminal for the transistor. TO--270--2 GULL PLASTIC AFT05MS031GNR1 © Freescale Semiconductor, Inc., 2012. All rights reserved. |
Numéro de pièce similaire - AFT05MS031N |
|
Description similaire - AFT05MS031N |