Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TO252 Fiches technique(PDF) 22 Page - Diodes Incorporated

No de pièce TO252
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TO252 Fiches technique(HTML) 22 Page - Diodes Incorporated

Back Button TO252 Datasheet HTML 18Page - Diodes Incorporated TO252 Datasheet HTML 19Page - Diodes Incorporated TO252 Datasheet HTML 20Page - Diodes Incorporated TO252 Datasheet HTML 21Page - Diodes Incorporated TO252 Datasheet HTML 22Page - Diodes Incorporated TO252 Datasheet HTML 23Page - Diodes Incorporated TO252 Datasheet HTML 24Page - Diodes Incorporated TO252 Datasheet HTML 25Page - Diodes Incorporated TO252 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
22 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
TSOT26
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
TSSOP-14
Dimensions
Value (in mm)
X
0.45
Y
1.45
C1
5.9
C2
0.65
TSSOP-16
Dimensions
Value
(in mm)
C
0.650
X
0.350
X1
4.900
Y
1.400
Y1
6.800
Y1
C
C
X (6x)
Y (6x)
X
C1
C2
Y
X1
Y (16x)
Y1
X (16x)
1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27