Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC74R Fiches technique(PDF) 23 Page - Diodes Incorporated

No de pièce SC74R
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC74R Fiches technique(HTML) 23 Page - Diodes Incorporated

Back Button SC74R Datasheet HTML 19Page - Diodes Incorporated SC74R Datasheet HTML 20Page - Diodes Incorporated SC74R Datasheet HTML 21Page - Diodes Incorporated SC74R Datasheet HTML 22Page - Diodes Incorporated SC74R Datasheet HTML 23Page - Diodes Incorporated SC74R Datasheet HTML 24Page - Diodes Incorporated SC74R Datasheet HTML 25Page - Diodes Incorporated SC74R Datasheet HTML 26Page - Diodes Incorporated SC74R Datasheet HTML 27Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
23 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
TSSOP-16EP
Dimensions
Value
(in mm)
C
0.650
X
0.450
X1
3.290
X2
5.000
Y
1.450
Y1
3.290
Y2
4.450
Y3
7.350
TSSOP-20
Dimensions
Value
(in mm)
C
0.650
X
0.420
X1
6.270
Y
1.780
Y1
4.160
Y2
7.720
TSSOP-20EP
Dimensions
Value
(in mm)
C
0.650
X
0.420
X1
4.490
X2
6.270
Y
1.780
Y1
3.290
Y2
4.160
Y3
7.720
Y2
Y (16x)
Y3
C
Y1
X2
X1
X (16x)
Y1
Y2
Y (20x)
X (20x)
C
X1
Y1
X1
Y2
Y3
Y (20x)
X (20x)
C
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27