| Moteur de recherche de fiches techniques de composants électroniques |
|
AP02001 Fiches technique(PDF) 17 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02001 Fiches technique(HTML) 17 Page - Diodes Incorporated |
|
17 / 27 page ![]() ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 52 17 of 27 www.diodes.com Suggested Pad Layout © Diodes Incorporated SOD323F Dimensions Value (in mm) X 0.710 X1 2.700 Y 0.403 SOP-14 Dimensions Value (in mm) X 0.60 Y 1.50 C1 5.4 C2 1.27 SOP-16 Dimensions Value (in mm) C 1.270 X 0.670 X1 9.560 Y 1.450 Y1 6.400 X1 Y (2x) X (2x) X C1 C2 Y X1 Y1 1 C X (16x) Y(16x) |