Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EBJ41HE4BDFM Fiches technique(PDF) 16 Page - Elpida Memory

No de pièce EBJ41HE4BDFM
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELPIDA [Elpida Memory]
Site Internet  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFM Fiches technique(HTML) 16 Page - Elpida Memory

Back Button EBJ41HE4BDFM Datasheet HTML 11Page - Elpida Memory EBJ41HE4BDFM Datasheet HTML 12Page - Elpida Memory EBJ41HE4BDFM Datasheet HTML 13Page - Elpida Memory EBJ41HE4BDFM Datasheet HTML 14Page - Elpida Memory EBJ41HE4BDFM Datasheet HTML 15Page - Elpida Memory EBJ41HE4BDFM Datasheet HTML 16Page - Elpida Memory EBJ41HE4BDFM Datasheet HTML 17Page - Elpida Memory EBJ41HE4BDFM Datasheet HTML 18Page - Elpida Memory EBJ41HE4BDFM Datasheet HTML 19Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
16
Par_In (input pin)
Parity bit for the Address and Control bus.
/Err_Out (output pin)
Parity error found on the Address and Control bus.
/Event (output pin)
Temperature alert output.
Detailed Operation Part, Electrical Characteristics and Timing Waveforms
Refer to the EDJ1104BDSE, EDJ1108BDSEdatasheet (E1494E). DM pins of component device fixed to VSS level
on the module board. DIMM /CAS latency = component CL + 1 for registered type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19