| Moteur de recherche de fiches techniques de composants électroniques |
|
ELM327P Fiches technique(PDF) 76 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM327P Fiches technique(HTML) 76 Page - ELM Electronics |
|
76 / 76 page ![]() Index (continued) Microprocessor Interfaces, 64 Modifications for Low Power, 70-71 Monitoring the Bus, 40 Multiline Responses, 42-43 N Number of Responses, J1939, 51 OBDII 30, 61 O OBD Commands, 28 OBD Message Formats, 35-36 Order, Restoring, 45 Ordering Information, 5 Outline Diagrams, 74 Overview, 7 P Pin Descriptions, 3-5 Pin 28, resetting Prog Parameters, 55 Power Control, Description, 62-63 Modifications, 70-71 Programmable Parameters, general, 54-55 reset with pin 28, 55 Summary, 55-58 types, 55 Protocols, Selecting, 34-35 Q Quick Guide for Reading Trouble Codes, 32 R Reading the Battery Voltage, 27 Reading Trouble Codes, Quick Guide for, 32 Resetting, Prog Parameters, 55 Trouble Codes, 32 Responses, Multiline, 42-43 Restoring Order, 45 RS232 Baud Rates, Using Higher, 59-60 S Selecting Protocols, 34-35 Setting the Headers, 37-39 Setting Timeouts (AT & ST commands), 61 Specify the Number of Responses, 30, 51, 61 Summary, AT Commands, 9-10 Programmable Parameters, 55-58 T Talking to the Vehicle, 29-30 Timeouts (AT & ST commands), 61 Trouble Codes, Interpreting, 31 Resetting, 32 U Unused pins, 5 Using J1939, 50-53 Using CAN Extended Addresses, 47 Using Higher RS232 Baud Rates, 59-60 V Voltage, Reading the Battery, 27 W Wakeup Messages, 33 76 of 76 ELM327 ELM327DSH Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com |