Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5045ASST Fiches technique(PDF) 19 Page - ams AG

No de pièce AS5045ASST
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5045ASST Fiches technique(HTML) 19 Page - ams AG

Back Button AS5045ASST Datasheet HTML 15Page - ams AG AS5045ASST Datasheet HTML 16Page - ams AG AS5045ASST Datasheet HTML 17Page - ams AG AS5045ASST Datasheet HTML 18Page - ams AG AS5045ASST Datasheet HTML 19Page - ams AG AS5045ASST Datasheet HTML 20Page - ams AG AS5045ASST Datasheet HTML 21Page - ams AG AS5045ASST Datasheet HTML 22Page - ams AG AS5045ASST Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
19 – 33
11.3 Non-permanent Programming
It is also possible to re-configure the AS5045 in a non-permanent way by overwriting the OTP register.
This procedure is essentially a “Write Data” sequence (see Figure 10) without a subsequent OTP programming
cycle.
The “Write Data” sequence may be applied at any time during normal operation. This configuration remains set while
the power supply voltage is above the power-on reset level (see 6.6).
See Application Note AN5000-20 for further information.
Figure 10. Programming Access – Write Data (section of Figure 11)
CC W
Z11
Z10
Z9
Z8
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
PW M
dis
Mag
Com p
EN
PW M
half
EN
P W M and status
bit m odes
Zero Position
tDatain valid
tProg enable
CS n
Prog
1
16
8
CLK PROG
tDatain
tclk
see text
Figure 11. Complete Programming Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33