Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5045_V1 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS5045_V1
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5045_V1 Fiches technique(HTML) 2 Page - ams AG

  AS5045_V1 Datasheet HTML 1Page - ams AG AS5045_V1 Datasheet HTML 2Page - ams AG AS5045_V1 Datasheet HTML 3Page - ams AG AS5045_V1 Datasheet HTML 4Page - ams AG AS5045_V1 Datasheet HTML 5Page - ams AG AS5045_V1 Datasheet HTML 6Page - ams AG AS5045_V1 Datasheet HTML 7Page - ams AG AS5045_V1 Datasheet HTML 8Page - ams AG AS5045_V1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
2 – 33
Table of Contents
1
General Description ................................................................................................................................ 1
2
Benefits................................................................................................................................................... 1
3
Key Features .......................................................................................................................................... 1
4
Applications ............................................................................................................................................ 1
5
Pinout ..................................................................................................................................................... 4
5.1
Pin Configuration .................................................................................................................................... 4
5.2
Pin Description........................................................................................................................................ 4
6
Electrical Characteristics......................................................................................................................... 5
6.1
AS5045 Differences to AS5040 ............................................................................................................... 5
6.2
Absolute Maximum Ratings (non operating) ............................................................................................ 6
6.3
Operating Conditions .............................................................................................................................. 6
6.4
DC Characteristics for Digital Inputs and Outputs.................................................................................... 7
6.4.1
CMOS Schmitt-Trigger Inputs: CLK, CSn. (CSn = internal Pull-up).......................................................... 7
6.4.2
CMOS / Program Input: Prog................................................................................................................... 7
6.4.3
CMOS Output Open Drain: MagINCn, MagDECn .................................................................................... 7
6.4.4
CMOS Output: PWM ............................................................................................................................... 7
6.4.5
Tristate CMOS Output: DO...................................................................................................................... 8
6.5
Magnetic Input Specification ................................................................................................................... 8
6.6
Electrical System Specifications.............................................................................................................. 9
6.7
Timing Characteristics............................................................................................................................10
6.7.1
Synchronous Serial Interface (SSI).........................................................................................................10
6.7.2
Pulse Width Modulation Output ..............................................................................................................11
6.8
Programming Conditions ........................................................................................................................11
7
Functional Description............................................................................................................................12
8
Mode Input Pin.......................................................................................................................................13
8.1
Synchronous Serial Interface (SSI) ........................................................................................................13
8.1.1
Data Content ..........................................................................................................................................14
8.1.2
Z-axis Range Indication (Push Button Feature, Red/Yellow/Green Indicator)..........................................14
8.2
Daisy Chain Mode..................................................................................................................................15
9
Pulse Width Modulation (PWM) Output ..................................................................................................16
9.1
Changing the PWM Frequency...............................................................................................................17
10
Analog Output ........................................................................................................................................17
11
Programming the AS5045 ......................................................................................................................18
11.1 Zero Position Programming....................................................................................................................18
11.2 Repeated OTP Programming .................................................................................................................18
11.3 Non-permanent Programming ................................................................................................................19
11.4 Analog Readback Mode .........................................................................................................................20
12
Alignment Mode .....................................................................................................................................21
13
3.3V / 5V Operation ...............................................................................................................................22
14
Choosing the Proper Magnet..................................................................................................................23
14.1 Physical Placement of the Magnet .........................................................................................................24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33