Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA24C02-S/P Fiches technique(PDF) 21 Page - Siemens Semiconductor Group

No de pièce SLA24C02-S/P
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C02-S/P Fiches technique(HTML) 21 Page - Siemens Semiconductor Group

Back Button SLA24C02-S/P Datasheet HTML 17Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 18Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 19Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 20Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 21Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 22Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 23Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 24Page - Siemens Semiconductor Group SLA24C02-S/P Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
21
1998-07-27
The control byte CTx is followed by 8 parameter bytes identical to the 8 data bytes of the
page to be protected or unprotected. The data of the first entered byte must be identical
to the data byte stored at the lowest address of the current page. The other 7 bytes have
to be identical to the bytes stored in ascending address order within the same page.
A successful verification of each byte is indicated by the EEPROM by pulling the SDA
line to low (acknowledge ACK).
After verification of the last byte, the bit programming procedure is initiated by the STOP
condition. Programming is started only if all 128 bits of a page have been verified
successfully. If bit programming has taken place, the address counter points to the
uppermost address of the respective page. The write or erase cycle is finished latest
after 4 ms. Acknowledge polling may be used for speed enhancement in order to
indicate the end of the write or erase cycle (refer to chapter 5.3 Acknowledge Polling).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27