| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8530 Fiches technique(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8530 Fiches technique(HTML) 22 Page - ams AG |
|
22 / 32 page ![]() www.austriamicrosystems.com/Lin_CompanionIC/AS8530 Revision 1.1 22 - 32 AS8530 Datasheet - Application In form atio n Figure 12. Enable Controlled via. MCU If the application doesn’t need the wake up capability of the AS8530, a direct connection EN to VCC is possible. In this case the AS8530 operates in permanent normal mode. Also possible is the external (outside of the module) control of the EN line via. VSUP signal as shown below. Figure 13. Permanent Normal Mode EN VSUP VSS VCC RESET RX TX MCU Cload VBAT LIN + + 5V EN VSUP VSS VCC RESET RX TX MCU Cload VBAT LIN + + 5V |