Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A105P4CWCQ0Q Fiches technique(PDF) 12 Page - Tyco Electronics

No de pièce A105P4CWCQ0Q
Description  Toggle Switches, A Series, Part Number Matrix
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

A105P4CWCQ0Q Fiches technique(HTML) 12 Page - Tyco Electronics

Back Button A105P4CWCQ0Q Datasheet HTML 5Page - Tyco Electronics A105P4CWCQ0Q Datasheet HTML 6Page - Tyco Electronics A105P4CWCQ0Q Datasheet HTML 7Page - Tyco Electronics A105P4CWCQ0Q Datasheet HTML 8Page - Tyco Electronics A105P4CWCQ0Q Datasheet HTML 9Page - Tyco Electronics A105P4CWCQ0Q Datasheet HTML 10Page - Tyco Electronics A105P4CWCQ0Q Datasheet HTML 11Page - Tyco Electronics A105P4CWCQ0Q Datasheet HTML 12Page - Tyco Electronics A105P4CWCQ0Q Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
C33
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Gemini Series
Toggle Switches, A Series, Vertical, Wire Lug, Flat or Long Bat Actuator
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
DPDT
A201TZQ
A101TZQ
SPDT
A201P3YZQ
DPDT
Tyco
Alcoswitch
Type Act. Code P.M5
Electronics
Silver Contacts
2-1437554-9
A101P3YZQ
SPDT
1
On None On
6-1437554-3
A103P3YZQ
SPDT
5
On
Off
On
8-1437554-7
A105P3YZQ
SPDT
5
(On) Off (On)
1437555-5
A107P3YZQ
SPDT
5
On
Off (On)
1-1437555-5
A108P3YZQ
SPDT
1
On None (On)
A101P3YZQ
SPDT
25˚
.347
(8.80)
.358
(9.09)
.185
(4.70)
Typ.
.030
(0.80)
Typ.
.453
(11.50)
.500
(12.7)
.190
(4.80)
.040
(1.00)
.080
(2.02)
Typ.
.155
(3.94)
1/4-40NS
.100
(2.50)
1.154
(29.3)
Ref.
.450
(11.43)
Keyway
25˚
.185
(4.70)
Typ.
.030
(0.80)
Typ.
.265
(6.70)
.500
(12.7)
.080
(2.00) Typ.
.238
(6.05)
Epoxy
Seal
.687
(17.45)
.468
(11.89)
.358
(9.09)
.155
(3.84)
Typ.
Keyway
15/32-32 NS
25˚
.185
(4.70)
Typ.
.030
(0.80)
Typ.
Keyway
.500
(12.7)
.190
(4.80)
.040
(1.00)
.080
(2.02)
Typ.
.455
(11.55)
Epoxy
Seal
.687
(17.45)
.468
(11.89)
.358
(9.09)
.155
(3.94)
Typ.
15/32-32 NS
25˚
.350
(8.89)
.358
(9.09)
.185
(4.70)
Typ.
.030
(0.80)
Typ.
.040
(1.02)
.500
(12.70)
.080
(2.03)
.200
(5.08)
.450
(11.43)
.029
(0.74)
.270
(6.86)
.155
(3.94)
1/4-40 NS
Keyway
* Refer to Pages C22-C26 for
Additional Options *
Tyco
Alcoswitch
Type Act. Code P.M5
Electronics
Silver Contacts
5-1437554-6
A101TZQ
SPDT
1
On None On
8-1437554-0
A103TZQ
SPDT
5
On
Off
On
Tyco
Alcoswitch
Type Act. Code P.M5
Electronics
Silver Contacts
5-1437555-2
A201TZQ
DPDT
2
On None On
6-1437555-4
A203TZQ
DPDT
6
On
Off
On
A211TZQ
SP3T
11
On
On
On
Tyco
Alcoswitch
Type Act. Code P.M5
Electronics
Silver Contacts
3-1437555-6
A201P3YZQ
DPDT
2
On None On
5-1437555-6
A203P3YZQ
DPDT
6
On
Off
On
6-1437555-6
A205P3YZQ
DPDT
6
(On) Off (On)
7-1437555-3
A207P3YZQ
DPDT
6
On
Off (On)
8-1437555-0
A208P3YZQ
DPDT
2
On None (On)
9-1436555-3
A211P3YZQ
SP3T
11
On
On
On
A215P3YZQ
SP3T
11
(On) On (On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13