Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

16T08AI-SW Fiches technique(PDF) 5 Page - Nell Semiconductor Co., Ltd

No de pièce 16T08AI-SW
Description  TRIACs, 16A Snubberless, Logic Level and Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T08AI-SW Fiches technique(HTML) 5 Page - Nell Semiconductor Co., Ltd

  16T08AI-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T08AI-SW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0
6
12
8
14
10
16
20
18
P(W)
0
8
2
10
4
12
6
14
I
(A)
T(RMS)
T (°C)
C
3.0
3.5
4.0
K=[Z /R ]
th
th
D²PAK
printed circuit board Fr4, copper thickness:35 µm
1E-2
I
(A)
T(RMS)
0
1
10
100
200
0.5
1.5
1.0
20
100
Non repetitive
Tc(
°c)
SEMICONDUCTOR
16T Series RoHS
RoHS
IT(RMS)(A)
4
2
0
8
4
2
6
10
12
14
16
16
18
TO-263AB
0
25
50
75
100
125
(S=1cm²)
2.5
1.5
2.0
1.0
0.5
0.0
0
25
50
75
100
125
tp(s)
Zth(j-c)
Zth(j-a)
1E-1
1E+0
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
TO-220AB
insulated
V TM (V)
Tj=25
°c
Tj=Tjmax.
Tj max.
Vto=0.85V
Rd=25mΩ
Tjinitial=25°C
Repetitive
Tc=85°C
Number of cycles
I
(A)
TM
I
(A)
TSM
2.0
2.5
3.0
3.5
4.0
4.5
5.0
40
60
80
120
140
160
180
1
10
100
1000
Page 5 of 7
One cycle
t=20ms
Fig.1 Maximum power dissipation versus
on-state rms current (full cycle)
Fig.2 On-state rms current versus case
temperature (full cycle)
Fig.3 On-state current versus ambient
temperature (full cycle)
Fig.4 Relative variation of thermal impedance
versus pulse duration
Fig.5 On-state characteristics (maximum values)
Fig.6 surge peak on- state current versus
number of cycles
www.nellsemi.com



Html Pages

1 2 3 4 5 6 7