| Moteur de recherche de fiches techniques de composants électroniques |
|
HT62104 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT62104 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 14 page ![]() Rev. 1.00 2 May 07, 2012 HT62104 Pin Assignment 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 C1 C2 K1 K2 K3 K4 K5 VS S VD D DO UT LE D VD D1 VSS1 K8 K7 K6 HT 62104 16 DI P- A/ NS OP -A Pin Description Pin Name Type Description VDD/VDD1 — Logic circuit positive power supply. VSS — Logic circuit negative power supply, ground. VSS1 — IR-LED negative power supply C1, C2 I Custom code inputs. K1~K8 I Remote control key inputs. Internally connected to pull-high resistors. DOUT O Serial data output. NMOS open-drain structure. LED O Transmission indicator. PMOS open-drain structure. Approximate Internal Connections C1,C2 K1 ~ K8 LED VSS VDD VSS1 DOUT VSS VDD R R VDD VSS VDD |