Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT45FM2C Fiches technique(PDF) 8 Page - Holtek Semiconductor Inc

No de pièce HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Fiches technique(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 4Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 5Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 6Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 7Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 8Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 9Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 10Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 171 page
background image
Rev. 1.10
8
�a� �0� �01�
Rev. 1.10
9
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
General Description
ThisdeviceisFlashMemorywith8-bithighperformanceRISCarchitecturemicrocontrollerdevice
whichincludesahostoffullyintegratedspecialfeaturesspecificallydesignedforthebrushlessDC
motorapplications.
Theadvantagesoflowpowerconsumption,I/Oflexibility,MultipleandextremelyflexibleTimer
Modules,oscillatoroptions,multi-channelA/DandD/AConverter,PulseWidthModulation
function,16-bitCaptureTimerModulefunction,dualcomparatorfunctions,MotorProtectModule,
LinerHallSensordetection,8-bitRMTModule,TimeBasefunction,LVD,EEPROM,power-
downandwake-upfunctions,althoughespeciallydesignedforbrushlessDCmotorapplications,
theenhancedversatilityofthisdevicealsomakesitapplicableforusinginawiderangeofA/D
applicationpossibilitiessuchassensorsignalprocessing,motordriving,industrialcontrol,consumer
products,subsystemcontrollers,etc.
Block Diagram
8-bit
RISC
�CU
Core
Interrupt
10-bit
CT�x1
WDT
LVR
4kx15
Flash
�56x8
RA�
IR Noise
Filter
VDD
VSS
1�8x8
EEPRO�
16-bit
CAPT�x1
BLDC
�CTL
PB�/RX_IN/INT1/TP�_0
PA0/AN0/INT0A
PA1/AN1/INT0B
PA�/AN�/INT0C
PA6/AN6/FH0_LI/TP�_0
PB�/Is
PC6/Fault/TP5_0
PC0/GAT
PC1/GAB
PC�/GBT
PC�/GBB
PC4/GCT
PC5/GCB
PB4/TCK�
PB0
PB5/TP1_0
PB6/TP0_0
PD1/FH1_SAT/TP1_1
PB1/TP�_1
PD0/FH1_SBT/TP0_1
PB7/TCK0
PA�/AN�/TCK5
10-bit CT�
&
8-bit R�Tx�
PC7/Pause/TP5_1
PA4/AN4/FH0_SAT/TCK�
PA5/AN5/FH0_SBT/TP�_1
PA7/AN7/FH0_RI/TCK1
LVD
DAC x� &
C�P x�
OPA
PD�/FH1_LI
PD�/FH1_RI
10-bit
CT�
10-bit
CT�
DC
�CTL1
DC
�CTL0
16-bit
CT�x1
I/O Port
9-ch
10-bit
ADC x 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More