| Moteur de recherche de fiches techniques de composants électroniques |
|
ZXGD3104 Fiches technique(PDF) 9 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZXGD3104 Fiches technique(HTML) 9 Page - Diodes Incorporated |
|
9 / 13 page ![]() ZXGD3104N8 Document Number DS35546 Rev. 1 – 2 9 of 13 www.diodes.com November 2011 © Diodes Incorporated A Product Line of Diodes Incorporated ZXGD3104N8 Application Information The purpose of the ZXGD3104 is to drive a MOSFET as a low-VF Schottky diode replacement in offline power converters. When combined with a low RDS(ON) MOSFET, it can yield significant power efficiency improvement, whilst maintaining design simplicity and incurring minimal component count. Figure 2 shows typical configuration of ZXGD3104 for synchronous rectification in a 19V output Flyback Adaptor. Figure 2. Example connections in Flyback power supply Figure 3 shows operating waveforms for ZXGD3104 driving a MOSFET with Qg(TOT) = 124nC in a 19V output Flyback converter operating in critical conduction mode. |