| Moteur de recherche de fiches techniques de composants électroniques |
|
HBXREF2 Fiches technique(PDF) 4 Page - Dialight Corporation |
|
|
|||||||||||||||||||||||||||||
HBXREF2 Fiches technique(HTML) 4 Page - Dialight Corporation |
|
4 / 4 page ![]() Part Number Description Kit Includes HBXW3 Swivel Bracket Grey (RAL7001) powder coated aluminium (Interior or exterior use) Swivel Bracket Bracket to fixture hardware HBXH-EU Hook (IP40) Hanger Hook HBXGS Glare Shield - sets of 10 Grey (RAL7001) powder coated spun aluminium (Interior use only, for use with flat lens options) Aluminium shield and securing hardware HBXREF2 558.8mm Acrylic Reflector (for use with HBXH only) Dust cover, clamp, space Mechanical Drawings Dimensions in mm [Inches] Circular Pattern Polar Plots www.dialight.com MDEXHBEU001_E Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDEXHBEU001.pdf DuroSite ® Series LED High Bay Fixture Accessories Aisle Pattern HBXW3 - Swivel Bracket HBXX4X-EU 413 151 HBJXX4X - Junction Box 369,7 (14.55) 119,9 (4.72) 263,5 (10.37) HBLXX4X - Dome Lens |