| Moteur de recherche de fiches techniques de composants électroniques |
|
KBPC35005-G Fiches technique(PDF) 1 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
KBPC35005-G Fiches technique(HTML) 1 Page - Comchip Technology |
|
1 / 3 page ![]() Silicon Bridge Rectifiers Page 1 REV:A KBPC10005-G Thru. KBPC5010-G Series Parameter Symbol Unit Dimensions in inches and (millimeter) QW-BBR55 Maximum Reverse Peak Repetitive Voltage Maximum Average Forward Rectified Output Current @Tc=55°C Peak Forward Surage Current , 8.3ms Single Half Sine-Wave Super Imposed On Rated Load Operating Temperature Range Storage Temperature Range Reverse Voltage: 50 to 1000V Forward Current: 10/15/25/35/50A RoHS Device Maximum ratings and electrical characteristics Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% KBPC-G 50 15005 25005 VRRM I(AV) IFSM VF IR TJ TSTG 1.1 10.0 -55 to +125 -55 to +150 V V V A A V μA °C KBPC KBPC-G 100 1501 2501 KBPC-G 200 1504 2504 KBPC-G 400 1506 2506 KBPC-G 600 KBPC-G 800 1508 2508 KBPC-G 1000 1510 2510 Comchip Technology CO., LTD. 10005 1001 1004 1006 1008 1010 Maximum Reverse Current at rate DC Blocking Voltage Per Element @ TJ=25°C Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0A Peak TJ 35005 V 3501 3504 3506 3508 3510 50005 V 5001 5004 5006 5008 5010 1502 2502 1002 3502 5002 Maximum RMS Bridge Input Voltage 35 VRMS V 70 140 280 420 560 700 Parameter KBPC10 Symbol KBPC15 KBPC25 KBPC35 KBPC50 10 15 25 35 50 240 300 400 400 500 Unit Hole for No.8 screw 193"(4.9)diam diam 0.94 (2.4) 0.442(11.23) 0.424(10.77) 0.921(23.40) 0.882(22.40) 0.035(0.90) 0.028(0.70) 0.254(6.45) 0.242(6.15) 1.133(28.80) 1.114(28.30) 0.673(17.10) 0.634(16.10) 0.732(18.60) 0.693(17.60) 0.673(17.10) 0.634(16.10) 0.583(14.80) 0.543(13.80) 1.133(28.80) 1.114(28.30) °C Features -Surge overload-240~500 Amperes peak -Low forward voltage drop Mechanical Data -Polarit:As marked on Body -Mounting position:Any -Electrically isolated base -2000 Volts -Materials used carries U/L recognition -Weight: 28.82grams Maximum DC Blocking Voltage 50 VDC V 100 200 400 600 800 1000 |
Numéro de pièce similaire - KBPC35005-G |
|
Description similaire - KBPC35005-G |