| Moteur de recherche de fiches techniques de composants électroniques |
|
SSM2518CBZ-R7 Fiches technique(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2518CBZ-R7 Fiches technique(HTML) 6 Page - Analog Devices |
|
6 / 48 page ![]() SSM2518 Data Sheet Rev. A | Page 6 of 48 POWER SUPPLY REQUIREMENTS Table 2. Parameter Min Typ Max Unit PVDD 2.5 3.6 5.5 V DVDD 1.62 1.8 3.6 V DIGITAL INPUT/OUTPUT Table 3. Parameter Min Typ Max Unit Test Conditions/Comments INPUT VOLTAGE High (VIH) 0.7 × DVDD 3.6 V ADDR, MCLK, BCLK, LRCLK, SDATA, SAMOD 1.35 5.5 V SD, SDA, SCL Low (VIL) −0.3 +0.3 × DVDD V ADDR, MCLK, BCLK, LRCLK, SDATA, SAMOD −0.3 +0.35 V SD, SDA, SCL INPUT LEAKAGE CURRENT High (IIH) 1 μA Excluding MCLK Low (IIL) 1 μA Excluding MCLK and bidirectional pin MCLK INPUT LEAKAGE CURRENT High (IIH) 3 μA Low (IIL) 3 μA INPUT CAPACITANCE 5 pF DIGITAL INTERPOLATION FILTER Table 4. Parameter Factor Min Typ1 Max Unit PASS BAND −3 dB 0.4535 × fS 22 kHz Ripple ±0.01 dB TRANSITION BAND 0.5 × fS 24 kHz STOP BAND 0.5465 × fS 26 kHz Attenuation 70 dB GROUP DELAY 25/fS 521 μs 1 Typical value given for 48 kHz sample rate. |