Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP2164ACPZ-1.0-R7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADP2164ACPZ-1.0-R7
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP2164ACPZ-1.0-R7 Fiches technique(HTML) 5 Page - Analog Devices

  ADP2164ACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP2164ACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP2164ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP2164ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP2164ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP2164ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP2164ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP2164ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2164ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADP2164
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
PVIN, VIN, SW
−0.3 V to +7 V
FB, SYNC, TRK, RT, EN, PGOOD
−0.3 V to +7 V
PGND to GND
−0.3 V to +0.3 V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is measured using natural convection on a JEDEC 4-layer
board. The exposed pad is soldered to the printed circuit board
with thermal vias.
Table 3. Thermal Resistance
Package Type
θ
JA
Unit
16-Lead LFCSP
38.3
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20