Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMP521 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADMP521
Description  Ultralow Noise Microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMP521 Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADMP521 Datasheet HTML 8Page - Analog Devices ADMP521 Datasheet HTML 9Page - Analog Devices ADMP521 Datasheet HTML 10Page - Analog Devices ADMP521 Datasheet HTML 11Page - Analog Devices ADMP521 Datasheet HTML 12Page - Analog Devices ADMP521 Datasheet HTML 13Page - Analog Devices ADMP521 Datasheet HTML 14Page - Analog Devices ADMP521 Datasheet HTML 15Page - Analog Devices ADMP521 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADMP521
Rev. A | Page 13 of 16
HANDLING INSTRUCTIONS
PICK-AND-PLACE EQUIPMENT
The MEMS microphone can be handled using standard pick-and-
place and chip shooting equipment. Take care to avoid damage to
the MEMS microphone structure as follows:
•
Use a standard pickup tool to handle the microphone.
Because the microphone hole is on the bottom of the
package, the pickup tool can make contact with any part
of the lid surface.
•
Use care during pick-and-place to ensure that no high shock
events above 10 kg are experienced because such events
may cause damage to the microphone.
•
Do not pick up the microphone with a vacuum tool that
makes contact with the bottom side of the microphone.
Do not pull air out of or blow air into the microphone port.
•
Do not use excessive force to place the microphone on
the PCB.
REFLOW SOLDER
For best results, the soldering profile should be in accordance with
the recommendations of the manufacturer of the solder paste used
to attach the MEMS microphone to the PCB. It is recommended
that the solder reflow profile not exceed the limit conditions
specified in Figure 4 and Table 4.
BOARD WASH
When washing the PCB, ensure that water does not make contact
with the microphone port. Do not use blow-off procedures and
ultrasonic cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16