Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIS16480/PCBZ Fiches technique(PDF) 35 Page - Analog Devices

No de pièce ADIS16480/PCBZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIS16480/PCBZ Fiches technique(HTML) 35 Page - Analog Devices

Back Button ADIS16480/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADIS16480
Rev. 0 | Page 35 of 40
Table 143. ALM_CNFG_1 (Page 3, Base Address = 0x22)
Bits
Description (Default = 0x0000)
15
Y-axis magnetometer alarm (1 = enabled)
14
Not used
13
Y-axis magnetometer alarm polarity (1 = greater than)
12
Y-axis magnetometer dynamic enable (1 = enabled)
11
X-axis magnetometer (1 = enabled)
10
Not used
9
X-axis magnetometer alarm polarity (1 = greater than)
8
X-axis magnetometer dynamic enable (1 = enabled)
7
Z-axis accelerometer alarm (1 = enabled)
6
Not used
5
Z-axis accelerometer alarm polarity (1 = greater than)
4
Z-axis accelerometer dynamic enable (1 = enabled)
3
Y-axis accelerometer alarm (1 = enabled)
2
Not used
1
Y-axis accelerometer alarm polarity (1 = greater than)
0
Y-axis accelerometer dynamic enable (1 = enabled)
Table 144. ALM_CNFG_2 (Page 3, Base Address = 0x24)
Bits
Description (Default = 0x0000)
[15:8]
Not used
7
Barometer alarm (1 = enabled)
6
Not used
5
Barometer alarm polarity (1 = greater than)
4
Barometer dynamic enable (1 = enabled)
3
Z-axis magnetometer alarm (1 = enabled)
2
Not used
1
Z-axis magnetometer alarm polarity (1 = greater than)
0
Z-axis magnetometer dynamic enable (1 = enabled)
Alarm Example
Table 145 offers an alarm configuration example, which sets the
z-axis gyroscope alarm to trip when Z_GYRO_OUT > 131.1°/sec
(0x199B).
Table 145. Alarm Configuration Example
DIN
Description
0xAC9B
Set ZG_ALM_MAGN[7:0] = 0x9B
0xAD19
Set ZG_ALM_MAGN[15:8] = 0x19
0xA000
Set ALM_CNFG_0[7:0] = 0x00
0xA10A
Set ALM_CNFG_0[15:8] = 0x0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40