| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4940-1ACPZ-R7 Fiches technique(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4940-1ACPZ-R7 Fiches technique(HTML) 28 Page - Analog Devices |
|
28 / 32 page ![]() ADA4940-1/ADA4940-2 Data Sheet Rev. B | Page 28 of 32 OUTLINE DIMENSIONS 1 0.50 BSC 0.60 MAX PIN 1 INDICATOR 1.50 REF 0.50 0.40 0.30 0.25 MIN 0.45 2.75 BSC SQ TOP VIEW 12° MAX 0.80 MAX 0.65 TYP SEATING PLANE PIN 1 INDICATOR 1.00 0.85 0.80 0.30 0.23 0.18 0.05 MAX 0.02 NOM 0.20 REF 3.00 BSC SQ *1.45 1.30 SQ 1.15 EXPOSED PAD 16 5 13 8 9 12 4 (BOTTOM VIEW) *COMPLIANT TO JEDEC STANDARDS MO-220-VEED-2 EXCEPT FOR EXPOSED PAD DIMENSION. FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. Figure 77. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 3 mm × 3 mm Body, Very Thin Quad (CP-16-2) Dimensions shown in millimeters CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. COMPLIANT TO JEDEC STANDARDS MS-012-AA 0.25 (0.0098) 0.17 (0.0067) 1.27 (0.0500) 0.40 (0.0157) 0.50 (0.0196) 0.25 (0.0099) 45° 8° 0° 1.75 (0.0688) 1.35 (0.0532) SEATING PLANE 0.25 (0.0098) 0.10 (0.0040) 4 1 8 5 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) BSC 6.20 (0.2441) 5.80 (0.2284) 0.51 (0.0201) 0.31 (0.0122) COPLANARITY 0.10 Figure 78. 8-Lead Standard Small Outline Package [SOIC_N] (R-8) Dimensions shown in millimeters and (inches) |