Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4084-2ARZ-R7 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce ADA4084-2ARZ-R7
Description  30 V, Low Noise, Rail-to-Rail
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4084-2ARZ-R7 Fiches technique(HTML) 14 Page - Analog Devices

Back Button ADA4084-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4084-2ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADA4084-2
Data Sheet
Rev. A | Page 14 of 24
80
–80
0
1
23
45
67
89
10
TIME (Seconds)
–60
–40
–20
0
20
40
60
ADA4084-2
VSY = ±5V
TA = 25°C
Figure 44. Volage Noise 0.1 Hz to 10 Hz
0
–160
–140
–120
–100
–80
–60
–40
–20
100
1k
10k
100k
FREQUENCY (Hz)
ADA4084-2
VSY = ±5V
TA = 25°C
VIN = 5V p-p
Figure 45. Channel Separation
1
0.1
0.01
0.0001
0.001
0.001
0.01
0.1
1
AMPLITUDE (VRMS)
ADA4084-2
VSY = ±5V
TA = 25°C
f = 1kHz
Figure 46. THD + N vs. Amplitude
1
0.001
0.01
0.1
0.0001
10
100
1k
10k
100k
FREQUENCY (Hz)
ADA4084-2
RL = 2kΩ
VIN = 2.0VRMS
VSY = ±5V
TA = 25°C
500kHz FILTER
Figure 47. THD + N vs. Frequency
6
4
2
–4
–2
–6
01000
TIME (µs)
0
100
200
300
400
500
600
700
800
900
ADA4084-2
VSY = ±5V
TA = 25°C
OUTPUT
INPUT
Figure 48. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24