| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7880ACPZ Fiches technique(PDF) 57 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7880ACPZ Fiches technique(HTML) 57 Page - Analog Devices |
|
57 / 104 page ![]() Data Sheet ADE7880 Rev. A | Page 57 of 104 When the ADE7880 analyzes a phase, the following metering quantities are computed: Fundamental phase current rms: I1 Fundamental phase voltage rms: V1 RMS of up to three harmonics of phase current: Ix, Iy, Iz, x,y,z=2, 3,…, N RMS of up to three harmonics of phase voltage: Vx, Vy, Vz, x,y,z=2, 3,…, N Fundamental phase active power P1 = V1I1cos(φ1 − γ1) Fundamental phase reactive power Q1 = V1I1sin(φ1 − γ1) Fundamental phase apparent power S1 = V1I1 Power factor of the fundamental 1 1 1 1 sgn S P Q pf Active power of up to three harmonics: Px = VxIxcos(φx – γx), x=2, 3,…, N Py = VyIycos(φy – γy), y=2, 3,…, N Pz = VzIzcos(φz – γz), z=2, 3,…, N Reactive power of up to three harmonics: Qx = VxIxsin(φx – γx), x=2, 3,…, N Qy = VyIysin(φy – γy), y=2, 3,…, N Qz = VzIzsin(φz – γz), z=2, 3,…, N Apparent power of up to three harmonics: Sx = VxIx, x = 2, 3, …, N Sy = VyIy, y = 2 , 3, …, N Sz = VzIz, z = 2, 3, …, N Power factor of up to three harmonics: x x x x S P Q pf sgn , x = 2, 3,…, N y y y y S P Q pf sgn , y = 2, 3,…, N z z z z S P Q pf sgn , z = 2, 3,…, N Total harmonic distortion of the phase current 1 2 1 2 I I I THD I Total harmonic distortion of the phase voltage 1 2 1 2 V V V THD V Harmonic distortion of up to three harmonics on the phase current 1 I I HD x Ix , x = 2, 3,…, N 1 I I HD y I y , y = 2, 3,…, N 1 I I HD z Iz , z = 2, 3,…, N Harmonic distortion of up to three harmonics on the phase voltage: 1 V V HD x Vx , x = 2, 3,…, N 1 V V HD y Vy , y = 2, 3,…, N 1 V V HD z Vz , z = 2, 3,…, N |