| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9577BCPZ Fiches technique(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9577BCPZ Fiches technique(HTML) 10 Page - Analog Devices |
|
10 / 44 page ![]() AD9577 Data Sheet Rev. 0 | Page 10 of 44 Parameter1 Min Typ Max Unit Test Conditions/Comments2 CMOS INTEGRATED RANDOM PHASE JITTER 19.44 MHz crystal used, 50 Ω load RMS Jitter (155.52 MHz Output) 470 700 fs rms 12 kHz to 20 MHz, integer-N operation, Nb = 112, Vx = 2, Dx = 7 RMS Jitter (38.88 MHz Output) 430 650 fs rms 12 kHz to 5 MHz, integer-N operation, Nb = 112, Vx = 2, Dx = 28 LVPECL PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT) 25 MHz crystal used, integer-N operation, Nb = 96, Vx = 4, Dx = 6 Output Peak-to-Peak Period Jitter 13 ps p-p 10,000 cycles, average of 25 measurements Output RMS Period Jitter 2 ps rms 10,000 cycles, average of 25 measurements Output Peak-to-Peak, Cycle-to-Cycle Jitter 19 ps p-p 1,000 cycles, average of 25 measurements Output RMS Cycle-to-Cycle Jitter 3 ps rms 1,000 cycles, average of 25 measurements LVDS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT) 25 MHz crystal used, integer-N operation, Nb = 96, Vx = 4, Dx = 6 Output Peak-to-Peak Period Jitter 17 ps p-p 10,000 cycles, average of 25 measurements Output RMS Period Jitter 2 ps rms 10,000 cycles, average of 25 measurements Output Peak-to-Peak, Cycle-to-Cycle Jitter 26 ps p-p 1,000 cycles, average of 25 measurements Output RMS Cycle-to-Cycle Jitter 4 ps rms 1,000 cycles, average of 25 measurements CMOS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT) 25 MHz crystal used, 50 Ω load, integer-N operation, Nb = 96, Vx = 4, Dx = 6 Output Peak-to-Peak Period Jitter 25 ps p-p 10,000 cycles, average of 25 measurements Output RMS Period Jitter 3 ps rms 10,000 cycles, average of 25 measurements Output Peak-to-Peak, Cycle-to-Cycle 36 ps p-p 1,000 cycles, average of 25 measurements Output RMS Cycle-to-Cycle Jitter 6 ps rms 1,000 cycles, average of 25 measurements LVPECL PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT) 25 MHz crystal used, SSCG on, Nb = 100, FRAC = 0, MOD = 1000, Vx = 5, Dx = 5, CkDiv = 7, NumSteps = 59, FracStep = −8, fOUT = 100 MHz with −0.5% downspread at 30.2 kHz Output Peak-to-Peak Period Jitter 60 ps p-p 10,000 cycles, average of 25 measurements Output RMS Period Jitter 15 ps rms 10,000 cycles, average of 25 measurements Output Peak-to-Peak, Cycle-to-Cycle Jitter 20 ps p-p 1,000 cycles, average of 25 measurements Output RMS Cycle-to-Cycle Jitter 3 ps rms 1,000 cycles, average of 25 measurements LVDS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT) 25 MHz crystal used, SSCG on, Nb = 100, FRAC = 0, MOD = 1000, Vx = 5, Dx = 5, CkDiv = 7, NumSteps = 59, FracStep = −8, fOUT = 100 MHz with −0.5% downspread at 30.2 kHz Output Peak-to-Peak Period Jitter 63 ps p-p 10,000 cycles, average of 25 measurements Output RMS Period Jitter 15 ps rms 10,000 cycles, average of 25 measurements Output Peak-to-Peak, Cycle-to-Cycle Jitter 25 ps p-p 1,000 cycles, average of 25 measurements Output RMS Cycle-to-Cycle Jitter 4 ps rms 1,000 cycles, average of 25 measurements CMOS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT) 25 MHz crystal used, SSCG on, 50 Ω load, Nb = 100, FRAC = 0, MOD = 1000, Vx = 5, Dx = 5, CkDiv = 7, NumSteps = 59, FracStep = −8, fOUT = 100 MHz with −0.5% downspread at 30.2 kHz Output Peak-to-Peak Period Jitter 70 ps p-p 10,000 cycles, average of 25 measurements Output RMS Period Jitter 15 ps rms 10,000 cycles, average of 25 measurements Output Peak-to-Peak, Cycle-to-Cycle Jitter 36 ps p-p 1,000 cycles, average of 25 measurements Output RMS Cycle-Cycle Jitter 6 ps rms 1,000 cycles, average of 25 measurements |