| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9557 Fiches technique(PDF) 63 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9557 Fiches technique(HTML) 63 Page - Analog Devices |
|
63 / 92 page ![]() Data Sheet AD9557 Rev. A | Page 63 of 92 Reg Addr (Hex) Opt Name D7 D6 D5 D4 D3 D2 D1 D0 Def Read-Only Status (Accessible During EEPROM Transactions) 0x0D00 R, L EEPROM Reserved Pin program ROM load process Fault detected Load in progress Save in progress N/A 0x0D01 R, L SYSCLK and PLL status Reserved DPLL_APLL_ lock All PLLs locked APLL VCO status APLL cal in process APLL lock SYSCLK stable SYSCLK lock detect N/A 0x0D02 R, L IRQ monitor events Reserved SYSCLK unlocked SYSCLK locked APLL unlocked APLL lock detected APLL cal ended APLL cal started N/A 0x0D03 R, L Reserved Pin program end Output dist sync Watchdog timer EEPROM fault EEPROM complete N/A 0x0D04 R, L Switching Closed Freerun Holdover Frequency unlocked Frequency locked Phase unlocked Phase locked N/A 0x0D05 R, L Reserved History updated Frequency unclamped Frequency clamped Phase slew unlimited Phase slew limited N/A 0x0D06 R, L Reserved REFB validated REFB fault cleared REFB fault Reserved REFA validated REFA fault cleared REFA fault N/A 0x0D07 R, L Reserved N/A 0x0D08 R DPLL Reserved Offset slew limiting Frequency lock Phase lock Loop switching Holdover Active Freerun N/A 0x0D09 R Reserved Frequency clamped History available Active reference priority Reserved Current active reference N/A 0x0D0A R Reserved N/A 0x0D0B R REFA/REFB B valid B fault B fast B slow A valid A fault A fast A slow N/A 0x0D0C R Reserved N/A 0x0D0D R Holdover history Tuning word readback[31:0] N/A 0x0D0E R N/A 0x0D0F R N/A 0x0D10 R N/A 0x0D11 R Lock detector phase tub Phase tub [7:0] N/A 0x0D12 R Reserved Phase tub[11:8] N/A 0x0D13 R Lock detector frequency tub Frequency tub[7:0] N/A 0x0D14 R Reserved Frequency tub[11:8] N/A Nonvolatile Memory (EEPROM) Control 0x0E00 E Write protect Reserved Write enable 00 0x0E01 E Condition Reserved Conditional value[3:0] 00 0x0E02 A, E Save Reserved Save to EEPROM 00 0x0E03 A, E Load Reserved Load from EEPROM Reserved 00 |