Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7609BSTZ Fiches technique(PDF) 33 Page - Analog Devices

No de pièce AD7609BSTZ
Description  8-Channel Differential DAS with 18-Bit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7609BSTZ Fiches technique(HTML) 33 Page - Analog Devices

Back Button AD7609BSTZ Datasheet HTML 28Page - Analog Devices AD7609BSTZ Datasheet HTML 29Page - Analog Devices AD7609BSTZ Datasheet HTML 30Page - Analog Devices AD7609BSTZ Datasheet HTML 31Page - Analog Devices AD7609BSTZ Datasheet HTML 32Page - Analog Devices AD7609BSTZ Datasheet HTML 33Page - Analog Devices AD7609BSTZ Datasheet HTML 34Page - Analog Devices AD7609BSTZ Datasheet HTML 35Page - Analog Devices AD7609BSTZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
AD7609
Rev. A | Page 33 of 36
To ensure good device-to-device performance matching in a
system that contains multiple AD7609 devices, a symmetrical
layout between the AD7609 devices is important. Figure 62
shows a layout with two AD7609 devices. The AVCC supply
plane runs to the right of both devices. The VDRIVE supply track
runs to the left of the two AD7609 devices. The reference chip
is positioned between both AD7609 devices and the reference
voltage track runs north to Pin 42 of U1 and south to Pin 42
to U2. A solid ground plane is used. These symmetrical layout
principles can be applied to a system that contains more than
two AD7609 devices. The AD7609 devices can be placed in a
north-to-south direction with the reference voltage located
midway between the AD7609 devices and the reference track
running in the north-to-south direction similar to Figure 62.
Figure 62. Multiple AD7609 Layout, Top Layer and Supply Plane Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36