Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5064 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce AD5064
Description  Industrial Current/Voltage Output Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5064 Fiches technique(HTML) 32 Page - Analog Devices

Back Button AD5064 Datasheet HTML 28Page - Analog Devices AD5064 Datasheet HTML 29Page - Analog Devices AD5064 Datasheet HTML 30Page - Analog Devices AD5064 Datasheet HTML 31Page - Analog Devices AD5064 Datasheet HTML 32Page - Analog Devices AD5064 Datasheet HTML 33Page - Analog Devices AD5064 Datasheet HTML 34Page - Analog Devices AD5064 Datasheet HTML 35Page - Analog Devices AD5064 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD5750/AD5750-1/AD5750-2
Data Sheet
Rev. D | Page 32 of 36
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur. The
iCoupler® family of products from Analog Devices, Inc., provides
voltage isolation in excess of 5.0 kV. The serial loading structure
of the AD5750/AD5750-1/AD5750-2 makes it ideal for isolated
interfaces because the number of interface lines is kept to a
minimum. Figure 58 shows a 4-channel isolated interface
using an ADuM1400. For further information, visit
www.analog.com/icouplers.
VIA
VOA
TO
SCLK
VIB
VOB
TO
SDIN
VIC
VOC
TO
SYNC
VID
VOD
TO
CLEAR
SERIAL
CLOCK OUT
SERIAL
DATA OUT
SYNC OUT
CONTROL OUT
CONTROLLER
ADuM14001
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 58. Isolated Interface
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5750/AD5750-1/AD5750-2
is via a serial bus that uses a protocol that is compatible with
microcontrollers and DSP processors. The communication
channel is a 3-wire (minimum) interface consisting of a clock
signal, a data signal, and a SYNC signal. The AD5750/AD5750-1/
AD5750-2 require a 16-bit data-word with data valid on the
falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36