Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z0109MA2AL2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce Z0109MA2AL2
Description  Standard 1A Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109MA2AL2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button Z0109MA2AL2 Datasheet HTML 4Page - STMicroelectronics Z0109MA2AL2 Datasheet HTML 5Page - STMicroelectronics Z0109MA2AL2 Datasheet HTML 6Page - STMicroelectronics Z0109MA2AL2 Datasheet HTML 7Page - STMicroelectronics Z0109MA2AL2 Datasheet HTML 8Page - STMicroelectronics Z0109MA2AL2 Datasheet HTML 9Page - STMicroelectronics Z0109MA2AL2 Datasheet HTML 10Page - STMicroelectronics Z0109MA2AL2 Datasheet HTML 11Page - STMicroelectronics Z0109MA2AL2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Packaging information
Z01
10/12
Doc ID 7474 Rev 10
Figure 17.
Footprint and connectors for SOT-223 or SMBflat-3L (dimensions in mm)
SOT-223
SOT-223
SOT-223
SOT-223
SMBF3L
SMBF3L
SMBF3L
3.42
3.25
2.92
0.95
2.30
1.10
0.85
1.20
1.20
1.08
1.35
1.08
1.30
5.84
Solder resist
Solder lands
Solder paste
Connector line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12