| Moteur de recherche de fiches techniques de composants électroniques |
|
31-212-RFX Fiches technique(PDF) 1 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
31-212-RFX Fiches technique(HTML) 1 Page - Amphenol Corporation |
|
1 / 30 page ![]() Description Developed in the late 1940’s, the BNC is a miniature version of the Type C. BNC stands for Bayonet Neill Concelman and is available in 50 Ohm and 75 Ohm impedance versions. The BNC product line is a miniature quick connect / disconnect RF connector. It features two bayonet lugs on the female connector; mating is achieved with only a quarter turn of the coupling nut. Primary Applications - Ideally suited for cable termination for miniature to subminiature coaxial cable (RG-58, 59, to RG-179, RG-316, etc.) Features/Benefits • Bayonet coupling mechanism provides quick mating and unmating. • 50 and 75 ohm impedance designs allow customers to match impedance to system requirements. • 50 and 75 ohm connectors are intermateable to ensure nondestructive mating. • Three grades of connectors are available for military, industrial and commercial applications. BNC Amphenol ® 50 ohm BNC Cable Connectors Specifications 107 Cable Plugs 108-109 Cable Jacks 110 Receptacles 114-115 PCB Receptacles 116-118 Adapters 119-121 Caps & Accessories 122 75 ohm Specifications 124 High Performance Plugs 125-126 Jacks & Receptacles 127 PCB Receptacles 128-132 Adapters 133-134 105 Amphenol Corporation Tel: 800-627-7100 www.amphenolrf.com Applications • Antennas • Automotive (GPS) • Base Stations • Broadcast (75 ohm) • Cable Assemblies • Cable Modems • Components • Computers/LANs • Instrumentation • Network Analyzers • Oscilloscopes • Medical Equipment • Mil-Aerospace • Networks • Radios • Satcom • Surge Protection • Telecom |
Numéro de pièce similaire - 31-212-RFX |
|
Description similaire - 31-212-RFX |