Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CZRF16VB-HF Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce CZRF16VB-HF
Description  SMD Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRF16VB-HF Fiches technique(HTML) 2 Page - Comchip Technology

  CZRF16VB-HF Datasheet HTML 1Page - Comchip Technology CZRF16VB-HF Datasheet HTML 2Page - Comchip Technology CZRF16VB-HF Datasheet HTML 3Page - Comchip Technology CZRF16VB-HF Datasheet HTML 4Page - Comchip Technology CZRF16VB-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Zener Diode
Page 2
Part Number
Marking
Code
Min
Max
IZ(mA)
Max
IZ(mA)
Max
IZ(mA)
Max
VR(V)
VZ(V)
ZZT(Ohm)
ZZK(Ohm)
IR(uA)
Zener Voltage
Operating
resistance
Rising
operating
Resistance
Reverse
current
O
Electrical Characteristics(Ta = 25C)
CZRF2V4B-HF
CZRF2V7B-HF
CZRF3V0B-HF
CZRF3V3B-HF
CZRF3V6B-HF
CZRF3V9B-HF
CZRF4V3B-HF
CZRF4V7B-HF
CZRF5V1B-HF
CZRF5V6B-HF
CZRF6V2B-HF
CZRF6V8B-HF
CZRF7V5B-HF
CZRF8V2B-HF
CZRF9V1B-HF
CZRF10VB-HF
CZRF11VB-HF
CZRF12VB-HF
CZRF13VB-HF
CZRF15VB-HF
CZRF16VB-HF
CZRF18VB-HF
CZRF20VB-HF
CZRF22VB-HF
CZRF24VB-HF
CZRF27VB-HF
CZRF30VB-HF
CZRF33VB-HF
CZRF36VB-HF
CZRF39VB-HF
U2
U3
U4
U5
U6
U7
U8
U9
UA
UB
UC
UE
UF
UG
UH
UJ
UK
UM
UN
UP
UQ
UR
US
UT
UU
UV
UW
UX
UY
UZ
2.34
2.63
2.93
3.22
3.51
3.80
4.19
4.58
4.97
5.46
6.05
6.63
7.31
8.00
8.87
9.75
10.73
11.70
12.68
14.63
15.60
17.55
19.50
21.45
23.40
26.33
29.25
32.18
35.10
38.03
2.46
2.77
3.08
3.38
3.69
4.00
4.41
4.82
5.23
5.74
6.36
6.97
7.69
8.41
9.33
10.25
11.27
12.30
13.32
15.37
16.40
18.45
20.50
22.55
24.60
27.67
30.75
33.82
36.90
39.97
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
100
100
95
95
90
90
88
70
50
25
10
8
7
7
10
15
18
22
25
32
36
42
48
55
62
70
78
88
95
130
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
1800
1900
2000
2200
2300
2400
2500
2200
2050
1800
1300
750
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
100
75
50
25
15
10
5
3
2
2
1
1
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1
1
1
1
1
1
1
1.5
2
3
4
5.2
6
6.5
7
8.4
9.1
9.9
11
12
14
15
17
18
21
23
25
27
30
8
Comchip Technology CO., LTD.
QW-G2009
REV:A



Html Pages

1 2 3 4 5