| Moteur de recherche de fiches techniques de composants électroniques |
|
U74AC240G-P20-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74AC240G-P20-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 6 page ![]() U74AC240 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 6 www.unisonic.com.tw QW-R502-675.A ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Output Voltage VOH IOH = -50μA, VCC = 3V 2.9 V IOH = -50μA, VCC = 4.5V 4.4 IOH = -50μA, VCC = 5.5V 5.4 IOH = -12mA, VCC = 3V 2.56 IOH = -24mA, VCC = 4.5V 3.86 IOH = -24mA, VCC = 5.5V 4.86 Low-Level Output Voltage VOL IOL = 50μA, VCC = 3V 0.1 V IOL = 50μA, VCC = 4.5V 0.1 IOL = 50μA, VCC = 5.5V 0.1 IOL = 12mA, VCC = 3V 0.36 IOL = 24mA, VCC = 4.5V 0.36 IOL = 24mA, VCC = 5.5V 0.36 Input Leakage Current (A or OE inputs) II(LEAK) VIN = VCC or GND, VCC = 5.5V ±0.1 μA High-impedance state Current IOZ VO = VCC or GND, VCC = 5.5V VI(OE) = VIL or VIH ±0.25 μA Quiescent Supply Current ICC VIN = VCC or GND, IOUT = 0, VCC = 5.5V 4 μA Input Capacitance CIN VIN = VCC or GND, VCC=5V 2.5 pF SWITCHING CHARACTERISTICS (TA =25°C) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Propagation Delay from Input A to Output Y, tPD tPLH VCC=3.3±0.3V, CL=50pF, RL=500Ω 1.5 6 8 ns VCC=5±0.5V, CL=50pF, RL=500Ω 1.5 4.5 6.5 tPHL VCC=3.3±0.3V, CL=50pF, RL=500Ω 1.5 5.5 8 ns VCC=5±0.5V, CL=50pF, RL=500Ω 1.5 4.5 6 Propagation Delay from Input OE to Output Y, tEN tPZH VCC=3.3±0.3V, CL=50pF, RL=500Ω 1.5 6 10.5 ns VCC=5±0.5V, CL=50pF, RL=500Ω 1.5 5 7 tPZL VCC=3.3±0.3V, CL=50pF, RL=500Ω 1.5 7 10 ns VCC=5±0.5V, CL=50pF, RL=500Ω 1.5 5.5 8 Propagation Delay from Input OE to Output Y, tDIS tPHZ VCC=3.3±0.3V, CL=50pF, RL=500Ω 1.5 7 10 ns VCC=5±0.5V, CL=50pF, RL=500Ω 2.5 6.5 9 tPLZ VCC=3.3±0.3V, CL=50pF, RL=500Ω 1.5 7.5 10.5 ns VCC=5±0.5V, CL=50pF, RL=500Ω 2 6.5 9 OPERATING CHARACTERISTICS (TA =25°C) PARAMETER SYMBOL TEST CONDITIONS TYP UNIT Power Dissipation Capacitance Per Buffer/Driver CPD VCC = 5V, f=1MHz, CL=50pF 45 pF |